PART |
Description |
Maker |
M27C516-55N6TR |
512 Kbit 32Kb x16 OTP EPROM
|
ST Microelectronics
|
M27C64A M27C64A-15C1TR M27C64A-15C1X M27C64A-15C6T |
512 Kbit 32Kb x16 OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM From old datasheet system 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TVSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-SSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TSSOP -40 to 85 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 64千位× 8紫外KB的EPROM的和OTP存储 64 Kbit 8Kb x 8 UV EPROM and OTP EPROM 64千位× 8紫外KB的EPROM的和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M27C512-45XF6 M27C512 M27C512-10B1 M27C512-10B3 M2 |
512 Kbit (64K x8) UV EPROM and OTP EPROM
|
STMICROELECTRONICS[STMicroelectronics]
|
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C800-100B1TR M27C800-100B6TR M27C800-100F1TR M2 |
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM
|
意法半导 STMicroelectronics ST Microelectronics
|
M27V402 |
NND - 4 MBIT (256KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M24512-WBN6 M24512-WBN6T M24512-WMW6T MM24512-WBN6 |
512 Kbit Serial I??Bus EEPROM 512 Kbit Serial IBus EEPROM 512千位串行I眷总线的EEPROM CAP 3300UF 50V ELECT SMG RAD 512 Kbit Serial I? Bus EEPROM 512 Kbit Serial IC Bus EEPROM 512 Kbit Serial I裁 Bus EEPROM 512 KBIT SERIAL I²C BUS EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C256B-15XF1TR M27C256B-15XF6X M27C256B-15XF7TR |
CAP 0.1UF 50V 20% Z5U DIP-2 TUBE 256千位(的32KB × 8)紫外线存储器和OTP存储 ER 2C 2#12 SKT RECP LINE 256千位(的32KB × 8)紫外线存储器和OTP存储 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM 256千位(的32KB × 8)紫外线存储器和OTP存储 CAP 100PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 2200UF 450V ELECT SCREW TERM Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:210000uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:200000uF RoHS Compliant: Yes ER 14C 14#16 SKT RECP BOX TVS ARRAY, MULTIGUARD 5.6V 2 ELEMENTTVS ARRAY, MULTIGUARD 5.6V 2 ELEMENT; Voltage, varistor at 1mA:8.5V; Voltage, varistor at 1mA min:6.8V; Voltage, varistor at 1mA max:10.2V; Energy, transient:50J; Current, peak 8/20us max:15A; ER 1C 1#4 PIN RECP WALL CAP 10PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR ER 4C 2#16 2#12 PIN RECP WALL CAP 820PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 200V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 100PF 100V 1% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 100PF 100V 2% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 8.2PF 100V /-0.5PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 8.2PF 50V /-0.25PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 91PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED PWR SPLY LINEAR SINGLE 12V@10.2A HOLDER CIRCUIT BOARDS ESD SAFE Mounting Bracket; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No CAP 8.2PF 50V /-0.5PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR SERV SWITCH USB COAX CPU CABLES 75 FT CONNECTOR ACCESSORY 256 KBIT (32KB X8) UV EPROM AND OTP EPROM 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
|
Samsung Semiconductor Co., Ltd. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|